Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 4 Page - Texas Instruments

  PLMX2624PAP/EM Datasheet HTML 1Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NDIV2
NDIV1
NDIV0
GND
VbiasVCO
GND
REF_DBLR_EN
GND
CAL/CE
SYNC
VccDIG
OSCinP
OSCinM
VregIN
OUTMUX2
OUTMUX1
RECAL
_EN
VrefVCO2
SyRefReq
VbiasVCO2
VccVCO2
GND
VccBUF
RFoutAM
GND
RFOUTAP
GND
VccBUF
GND
CSB
MUXout
NC
DAP
(Die A ach Pad)
Digital
Power supply
Ground
Other
Clock In, Out
Bias
Figure 4-1. HBD Package 64-Pin CQFP Top View
Table 4-1. Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
1
NDIV2
I
4-level pin
Integer N divider bit 2 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
2
NDIV1
I
4-level pin
Integer N divider bit 1 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
3
NDIV0
I
4-level pin
Integer N divider bit 0 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
4
GND
—
—
Ground
5
VbiasVCO
—
—
VCO bias. Requires connecting 10-µF capacitor to ground. Place close to pin.
6
GND
—
—
Ground
7
REF_DBLR_EN
I
—
Input Reference Doubler enable in Pin-mode. A HIGH on this pin enables the reference
doubler and LOW on this pin bypass the Input Reference Doubler. Refer Pin-mode
description details in Pin-Mode Integer Frequency Generation for more details.
8
CAL/CE
I
—
Chip enable. In Pin Mode (not SPI-mode), rising edges presented to this pin activate
the VCO calibration. In SPI-mode, this pin acts like CE where a high on CE pin make
device to enable and Low disables the device.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com