Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 16 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
6 Detailed Description
6.1 Overview
The LMX2624-SP is a high-performance, wideband frequency synthesizer with integrated VCO, output doubler
and output divider. The VCO operates from 7500 to 15000 MHz and this can be combined with the output divider
and doubler to produce any frequency in the range of 5 MHz to 28 GHz.
The PLL is fractional-N PLL with programmable delta-sigma modulator up to 4th order. The fractional
denominator is a programmable 32-bit long, which can provide fine frequency steps easily below 1-Hz resolution
as well as be used to do exact fractions like 1/3, 7/1000, and many others.
The phase detector frequency goes up to 200MHz in fractional mode and 250MHz in integer mode, although
minimum N-divider values must also be taken into account. For applications where deterministic or adjustable
phase is desired, the SYNC pin can be used to get the phase relationship between the OSCin and RFout pins
deterministic. When this is done, the phase can be adjusted in very fine steps of the VCO period divided by the
fractional denominator.
The ultra-fast VCO calibration is designed for applications where the frequency must be swept or abruptly
changed. The device has both Pin-mode and SPI-mode options where the frequency can be configured
manually using general purpose inputs or programmed using SPI.
The JESD204B support includes using the RFoutB output to create a differential SYSREF output that can be
either a single pulse or a series of pulses that occur at a programmable distance away from the rising edges of
the output signal.
The LMX2624-SP device requires only a single 3.3-V power supply. The internal power supplies are provided by
integrated LDOs, eliminating the need for high performance external LDOs.
Table 6-1 shows the range of several of the doubler, dividers, and fractional settings.
Table 6-1. Range of Doubler, Divider, and Fractional Settings
PARAMETER
FIELD
MIN
MAX
COMMENTS
OSCin doubler
OSC_2X
0 (1X)
1 (2X)
The low noise doubler can be used to
increase the phase detector frequency to
improve phase noise and avoid spurs. This
is in reference to the OSC_2X bit.
Pre-R divider
PLL_R_PRE
1 (bypass)
128
Only use the Pre R divider if the input
frequency is too high for the Post R divider.
Post-R divider
PLL_R
1 (bypass)
255
The maximum input frequency for the post-R
divider is 250 MHz. Use the Pre R divider if
necessary.
N divider
PLL_N
≥ 28
524287
The minimum divide depends on modulator
order and VCO frequency. See Section 6.3.5
for more details.
Fractional
numerator/
denominator
PLL_NUM,
PLL_DEN
1 (Integer mode)
232 – 1 = 4294967295
The fractional denominator is programmable
and can assume any value between 1 and
232 – 1; the denominator is not a fixed value.
Fractional order
MASH_ORDER
0
4
Order 0 is integer mode and the order can be
programmed
Channel divider
CHDIV
1 (bypass)
1536
This is the series of several dividers. Also,
be aware that above 10 GHz, the maximum
allowable channel divider value is 6.
Output frequency
5 MHz
28 GHz
Below 7.6 GHz, Channel Divider is used. 7.6
GHz to 15.2 GHz is from VCO. 15.2 GHz
to 28 GHz is from VCO along with output
doubler
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com