Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 37 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 37 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
6.3.18.4 SYSREF Procedure
To use SYSREF, do the these steps:
1. Put the device in SYNC mode using the procedure already outlined.
2. Find out IncludedDivide in the same way SYNC mode is done.
3. Calculate the SYSREF_DIV_PRE value such that the interpolator frequency (fINTERPOLATOR) is in the range
of 800MHz to 1500MHz. fINTERPOLATOR = fVCO/IncludedDivide/SYSREF_DIV_PRE. Make this frequency a
multiple of fOSC if possible.
4. If using SYSREF generation mode (SYSREF_REPEAT = 0), verify that SysRefReq pin is high, verify that the
SysRefReq pin is high.
5. If using SYSREF repeater mode (SYSREF_REPEAT = 1), set up the pulse count if desired. Pulses are
created by toggling the SysRefReq pin.
6. Adjust the delay between the RFoutA and RFoutB signal using the JESD_DACx_CTL fields.
6.4 Device Functional Modes
Table 6-20. Device Functional Modes
MODE
DESCRIPTION
SOFTWARE SETTINGS
RESET
Registers are held in the reset state. This device does have a power
on reset, but good practice is to also do a software reset if there is
any possibility of noise on the programming lines, especially if there
is sharing with other devices. Also realize that there are registers not
disclosed in the data sheet that are reset as well.
RESET = 1
POWERDOWN = 0
POWERDOWN
Device is powered down.
POWERDOWN = 1
or
CAL Pin = Low
Pin-mode
Device settings are determined by pin states on CDIV.
Any one of the CDIV0, CDIV1,
CDIV2 pins has value other than
LOW
Normal operating mode
This is used with at least one output on as a frequency synthesizer
and the device can be controlled through the SPI
All CDIV pins needs to be LOW
SYNC mode
This is used where part of the channel divider is in the feedback path
to provide deterministic phase.
VCO_PHASE_SYNC = 1
SYSREF mode
In this mode, RFoutB is used to generate pulses for SYSREF.
VCO_PHASE_SYNC =1,
SYSREF_EN = 1
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com