Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
7 Register Maps
7.1 Device Registers
Table 7-1 lists the memory-mapped registers for the Device registers. All register offset addresses not listed in
Table 7-1 must be considered as reserved locations and the register contents must not be modified.
Table 7-1. DEVICE Registers
Offset
Acronym
Register Name
Section
0h
R0
Section 7.1.1
1h
R1
Section 7.1.2
2h
R2
Section 7.1.3
3h
R3
Section 7.1.4
4h
R4
Section 7.1.5
5h
R5
Section 7.1.6
6h
R6
Section 7.1.7
7h
R7
Section 7.1.8
8h
R8
Section 7.1.9
9h
R9
Section 7.1.10
Ah
R10
Section 7.1.11
Bh
R11
Section 7.1.12
Ch
R12
Section 7.1.13
Dh
R13
Section 7.1.14
Eh
R14
Section 7.1.15
Fh
R15
Section 7.1.16
10h
R16
Section 7.1.17
11h
R17
Section 7.1.18
12h
R18
Section 7.1.19
13h
R19
Section 7.1.20
14h
R20
Section 7.1.21
16h
R22
Section 7.1.22
17h
R23
Section 7.1.23
1Eh
R30
Section 7.1.24
1Fh
R31
Section 7.1.25
20h
R32
Section 7.1.26
22h
R34
Section 7.1.27
23h
R35
Section 7.1.28
4Fh
R79
Section 7.1.29
Complex bit access types are encoded to fit into small table cells. Table 7-2 shows the codes that are used for
access types in this section.
Table 7-2. Device Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com