Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 19 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 19 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Table 6-2. Minimum N Divider Restrictions
MASH_ORDER
fVCO / IncludedDivide (MHz)
MINIMUM N
PFD_DLY_SEL
0
≤ 12500
29
1
> 12500
33
2
1
≤ 10000
30
1
10000 – 12500
34
2
>12250
38
3
2
≤ 4000 (SYNC Mode)
31
1
4000-7500 (SYNC Mode)
31
2
7500 – 10000
33
2
>10000
37
3
3
≤ 4000 (SYNC Mode)
33
1
4000-7500 (SYNC Mode)
37
2
7500 – 10000
41
3
>10000
45
4
4
≤ 4000 (SYNC Mode)
45
3
4000-7500 (SYNC Mode)
49
4
7500 – 10000
53
5
>10000
57
6
6.3.6 MUXout Pin
The MUXout pin can be configured as lock detect indicator for the PLL or as an serial data output (SDO) for the
SPI interface to readback registers. Field MUXOUT_LD_SEL (register R0[2]) configures this output.
Table 6-3. MUXout Pin Configurations
MODE of
operation
MUXOUT_S
EL bit
MUXOUT
pin
FUNCTION
Pin-mode
X
Lock Detect
Lock detect indicator for
PLL
SPI-mode
1 (default)
Tristate
Tristated
SPI-mode
0
Lock Detect
Lock detect indicator for
PLL
SPI-mode
X
SDO
When SPI_Read bit is set
to 1, MUXOUT pin is used
for Serial data output for
reading SPI data
When lock detect indicator is selected, there are two types of indicator and the indicators can be selected
with the field LD_TYPE (register R59[0]). The first indicator is called “VCOCal” (LD_TYPE=0) and the second
indicator is called “Vtune and VCOCal” (LD_TYPE=1).
6.3.6.1 Serial Data Output for Readback
In spi-mode, the MUXout pin become the serial data output of the SPI. This output can be tri-stated using
MUXout_SEL bit. Details of this pin operation are described with the serial interface description. Readback is
useful when a device is used is full assist mode and VCO calibration data are retrieve and saved for future
use. Readback can also be used to read back the lock detect status using the field rb_LD_VTUNE(register
R110[10:9]).
6.3.6.2 Lock Detect Indicator Set as Type “VCOcal” or "Vtune and VCOcal"
LD_LOCK_EN bit is used to select the type of the Lock detect indication. If this bit is 0x0, "VCOcal" type is
selected and if this bit is set to 0x1, then "Vtune and VCOcal" type is selected.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com