Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 22 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 22 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Table 6-5. Minimum VCO_SEL for Partial Assist
fVCO
VCO CORE (MIN)
7500 - 8600MHz
VCO1
8600 - 9900MHz
VCO2
9900 - 10800MHz
VCO3
10800 -11900MHz
VCO4
11900 - 13000MHz
VCO5
13000 - 14000MHz
VCO6
14000 - 15000MHz
VCO7
For fastest calibration time, use the minimum VCO core as recommended in the previous table. The following
table shows typical VCO calibration times for this choice in bold as well as showing how long the calibration time
is increased if a higher than necessary VCO core is chosen. Realize that these calibration times are specific to
these fOSC and fPD conditions specified and at the boundary of two cores, sometimes the calibration time can be
increased.
Table 6-6. Typical Calibration Times (µs) for fOSC = 100MHz and fPD = 200MHz
fVCO
VCO_SEL#none#
VCO7
VCO6
VCO5
VCO4
VCO3
VCO2
VCO1
8.1 GHz
650
614
620
376
256
243
191
9.3 GHz
606
589
587
335
196
177
Invalid
10.4 GHz
598
579
570
338
177
Invalid
11.4 GHz
543
540
530
284
Invalid
12.5 GHz
396
346
300
Invalid
13.6 GHz
262
218
Invalid
14.7 GHz
164
Invalid
Table 6-7. Typical Calibration Times (µs) for fOSC = 100MHz and fPD = 200MHz
fVCO
VCO_SEL(1)
VCO7
VCO6
VCO5
VCO4
VCO3
VCO2
VCO1
8.1 GHz
854
828
822
579
451
437
393
9.3 GHz
819
800
794
551
401
380
Invalid
10.4 GHz
808
786
781
551
388
Invalid
11.4 GHz
767
745
743
494
Invalid
12.5 GHz
603
560
513
Invalid
13.6 GHz
469
426
Invalid
14.7 GHz
385
Invalid
(1)
Based on VCO_SEL. This include Analog lock time for typical loop bandwidth.
6.3.7.2 Watchdog Feature
The watchdog feature is used to the scenario when radiation during VCO calibration from causes the VCO
calibration to fail. When this feature is enabled, the watchdog timer runs during VCO calibration. If this timer runs
out before the VCO calibration is finished, then the VCO calibration is restarted. The WD_DLY word sets how
many times this calibration can be restarted by the watchdog feature.
6.3.7.3 RECAL Feature
The RECAL feature is used to mitigate the scenario when the VCO is in lock, but then radiation causes the VCO
to go out of lock. When the RECAL_EN pin is high, if the PLL loses lock and stays out of lock for a time specified
by the LD_DLY word, then triggers a VCO re-calibration.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com