Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 53 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 53 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 54Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 55Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 56Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
8.2.3 Application Curve
Using the settings described, the performance measured using a clean 100-MHz input reference is shown. Note
the loop bandwidth is about 350 kHz, as simulations predict.
Offset (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz 100 MHz
10.4 GHz
4.9 dBm
100 Hz -87.7 dBc/Hz
1 MHz -120.8 dBc/Hz
1 kHz -94.2 dBc/Hz
10 MHz -145.1 dBc/Hz
10 kHz -103.3 dBc/Hz
20 MHz -146.0 dBc/Hz
100 kHz -110.4 dBc/Hz
95 MHz -154.8 dBc/Hz
tc_P
Figure 8-5. Results for Loop Filter Design
8.3 Power Supply Recommendations
TI recommends placement of bypass capacitors close to the pins. Consult the EVM instructions for layout
examples. If fractional spurs are a large concern, using a ferrite bead to each of these power supply pins can
reduce spurs to a small degree. This device has integrated LDOs, which improves the resistance to power
supply noise. However, the pullup components on the RFoutA and RFoutB pins on the outputs have a direct
connection to the power supply, so extra care must be made to verify that the voltage is clean for these pins.
8.4 Layout
8.4.1 Layout Guidelines
In general, the layout guidelines are similar to most other PLL devices. Here are some specific guidelines.
• GND pins can be routed on the package back to the DAP.
• The OSCin pins, these are internally biased and must be AC coupled.
• If not used, the SysRefReq can be grounded to the DAP.
• For optimal VCO phase noise in the 200kHz – 1MHz range, place the capacitor closest to the Vtune pin be
at least 3.3nF. As requiring this larger capacitor can restrict the loop bandwidth, this value can be reduced (to
say 1.5nF) at the expense of VCO phase noise.
• For the outputs, keep the pullup component as close as possible to the pin and use the same component on
each side of the differential pair.
• If a single-ended output is needed, the other side must have the same loading and pullup. However, the
routing for the used side can be optimized by routing the complementary side through a via to the other side
of the board. On this side, use the same pullup and make the load look equivalent to the side that is used.
• Verify that DAP on device is well-grounded with many vias, preferably copper filled.
• Have a thermal pad that is as large as the LMX2624-SP exposed pad. Add vias to the thermal pad to
maximize thermal performance.
• Use a low loss dielectric material, such as Rogers 4350B, for optimal output power.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com