Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3 V,
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase
Noise
RF Output Frequency Phase Noise
Fout = 15 GHz
100 KHz
-104
dBc/Hz
Phase
Noise
RF Output Frequency Phase Noise
Fout = 15 GHz
1 MHz
-117
dBc/Hz
Phase
Noise
RF Output Frequency Phase Noise
Fout = 15 GHz
10 MHz
-140
dBc/Hz
Phase
Noise
RF Output Frequency Phase Noise
Fout = 15 GHz
100 MHz
-156
dBc/Hz
Jitter
RMS Jitter
Fout = 24 GHz,
Integration range
1 KHz to 100
MHz
56
fs
Jitter
RMS Jitter
Fout = 24 GHz,
Integration range
1 KHz to 12 GHz;
No filter in clock
output
TBD
fs
Skew
Skew between RFOUTA and
RFOUTB
RFOUTA =
RFOUTB = 4GHz
7
ps
INPUT SIGNAL PATH
fOSCin
Reference input frequency
OSC_2X = 0
OSC_2X = 0
OSC_2X = 0
5
1200
MHz
fOSCin
Reference input frequency
OSC_2X = 1
OSC_2X = 1
OSC_2X = 1
5
200
vOSCin
Reference input voltage
Single-ended AC
coupled sine
wave input with
complementary
side AC coupled
to ground with 50
Ω resistor
fOSCin ≥ 20 MHz
0.4
2
VPP
vOSCin
Reference input voltage
Single-ended AC
coupled sine
wave input with
complementary
side AC coupled
to ground with 50
Ω resistor
10 MHz ≤ fOSCin
< 20 MHz
0.8
2
VPP
vOSCin
Reference input voltage
Single-ended AC
coupled sine
wave input with
complementary
side AC coupled
to ground with 50
Ω resistor
5 MHz ≤ fOSCin <
10 MHz
1.6
2
VPP
PHASE DETECTOR AND CHARGE PUMP
fPD
Phase detector frequency(1)
MASH_ORDER
= 0
MASH_ORDER
= 0
MASH_ORDER
= 0
0.125
250
MHz
fPD
Phase detector frequency(1)
MASH_ORDER
> 0
MASH_ORDER
> 0
MASH_ORDER
> 0
5
200
MHz
ICPout
Charge-pump leakage current
CPG = 0
CPG = 0
CPG = 0
15
nA
ICPout
Effective charge pump current. This
is the sum of the up and down
currents
CPG = 4
CPG = 4
CPG = 4
3
mA
ICPout
Effective charge pump current. This
is the sum of the up and down
currents
CPG = 1
CPG = 1
CPG = 1
6
mA
ICPout
Effective charge pump current. This
is the sum of the up and down
currents
CPG = 5
CPG = 5
CPG = 5
9
mA
ICPout
Effective charge pump current. This
is the sum of the up and down
currents
CPG = 3
CPG = 3
CPG = 3
12
mA
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com