Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 30 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 30 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
When the SYNC feature is enabled, part of the channel divide can be included in the feedback path.
Table 6-15. IncludedDivide With VCO_PHASE_SYNC = 1
OUTx_MUX
CHANNEL DIVIDER
IncludedDivide
OUTBUFFA_MUXSEL=1 or 2 and
OUTBUFFB_MUXSEL = 1 or 2
Don't Care
1
All Other Valid Conditions
Divisible by 3
6
All other values
4
Div 2
or 3
Divide by
2, 4, 8, 16, 32,
64, 128, 256
MU
X
MU
X
RFoutA
VC
O
RFoutB
Div 2
Charge
Pump
N Divider
x2
Post-R
Divider
Pre-R
Divider
External loop filter
OSCin
Buffer
OSCin
mux
MU
X
Figure 6-7. Phase SYNC Diagram
6.3.15.2 Categories of Applications for SYNC
The requirements for SYNC depend on certain setup conditions. In cases that the SYNC is not timing critical, the
SYNC can be done through software by toggling the VCO_PHASE_SYNC bit from 0 to 1. Figure 6-8 provides
the different categories. When timing is critical, then SYNC must be done through the pin and the setup and
hold times for the OSCin pin are critical. For timing critical sync (Category 3) ONLY, adhere to the following
guidelines.
Table 6-16. SYNC Pin Timing Characteristics for Category 3 SYNC
Parameter
Description
Min
Max
Unit
fOSC
Input reference Frequency
40
MHz
tSETUP
Setup time between SYNC and OSCin rising edges
2.5
ns
tHOLD
Hold time between SYNC and OSCin rising edges
2.5
ns
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com