Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 42 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 42 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Table 7-4. R1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
SMCLK_DIV
R/W
3h
Digital clock is derived from OSC_IN clock which can go up to
800MHz. This register is used to restrict the clock input to digital
to maximum accept able frequency of
SM_CLK = 50MHz
SM_CLK = OSCIN clock/(2^<SM_CLK_DIV>)
0h = /1 (for OSCIN ≤ 50MHz)
1h = /2 (for OSCIN ≤ 100MHz) /2
2h = /4 (for OSCIN ≤ 200MHz)
3h = /8 (for OSCIN ≤ 400MHz)
4h = /16 (for OSCIN ≤ 800MHz)
5h = /32 (OSCIN ≥ 800MHz)
7.1.3 R2 Register (Offset = 2h) [Reset = 0F3Fh]
R2 is shown in Table 7-5.
Return to the Summary Table.
Table 7-5. R2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
UNDISCLOSED
R/W
1h
Program this field to 0x1.
10-6
CP2P5V_IUP
R/W
1Ch
Charge pump gain (UP)
0h = Unused
1h = Unused
2h = 3mA
3h = 3mA
4h = 1.5mA
5-3
OUTBUFFB_DACCTRL
R/W
7h
Control current (daccode) in final stage of OUTBUFFB
0h = 2.5mA
1h = 5mA
2h = 7.5mA
3h = 10mA
4h = 12.5mA
5h = 15mA
6h = 17.5mA
7h = 20mA
2-0
OUTBUFFA_DACCTRL
R/W
7h
Control current (daccode) in final stage of OUTBUFFA
0h = 2.5mA
1h = 5mA
2h = 7.5mA
3h = 10mA
4h = 12.5mA
5h = 15mA
6h = 17.5mA
7h = 20mA
7.1.4 R3 Register (Offset = 3h) [Reset = 5040h]
R3 is shown in Table 7-6.
Return to the Summary Table.
Table 7-6. R3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
OUTBUFFB_MUXSEL
R/W
1h
Selects OUTBUFFB configuration
0h = CHDIV
1h = VCO
2h = Invalid
3h = SYSREF
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com