Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 5 Page - Texas Instruments

  PLMX2624PAP/EM Datasheet HTML 1Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
9
SYNC
I
—
Phase synchronization input pin.
10
GND
—
—
Ground
11
VccDIG
—
—
Digital supply. Recommend connecting 0.1-µF capacitor to ground.
12
OSCinP
I
—
Complimentary Reference input clock pins. High input impedance. Requires connecting
series capacitor (0.1 µF recommended).
13
OSCinM
I
—
Complimentary pin to OSCinP.
14
VregIN
—
—
Input reference path regulator decoupling. Requires connecting 1-µF capacitor to
ground. Place close to pin.
15
OUTMUX2
I
—
Controls the Output Mux selection together with OUTMUX1 and OUTMUX0 for
RFOUTA and RFOUTB. The eight options include selecting VCO output, Doubler
output or Channel Divider output combinations for RFOUTA and RFOUTB. Refer Pin-
mode description details in Pin-Mode Integer Frequency Generation for more details.
16
OUTMUX1
I
—
Controls the Output Mux selection together with OUTMUX2 and OUTMUX0 for
RFOUTA and RFOUTB. The eight options include selecting VCO output, Doubler
output or Channel Divider output combinations for RFOUTA and RFOUTB. Refer Pin-
mode description details in Pin-Mode Integer Frequency Generation for more details.
17
OUTMUX0
I
—
Controls the Output Mux selection together with OUTMUX2 and OUTMUX1 for
RFOUTA and RFOUTB. The eight options include selecting VCO output, Doubler
output or Channel Divider output combinations for RFOUTA and RFOUTB. Refer Pin-
mode description details in Pin-Mode Integer Frequency Generation for more details.
18
MuteA
I
—
Output Buffer mute control. High-impedance CMOS input. RFOUTA is muted or
unmuted using this MuteA pin
19
MuteB
I
—
Output Buffer mute control. High-impedance CMOS input. RFOUTB is muted or
unmuted using this MuteB pin
20
VccCP
I
—
Charge pump supply. Recommend connecting 0.1-µF capacitor to ground.
21
CPout
O
—
Charge pump output. Recommend connecting C1 of loop filter close to charge pump
pin.
22
GND
—
Ground
Ground
23
GND
—
Ground
Ground
24
VccMASH
—
—
Digital supply. Recommend connecting 0.1-µF and 10-µF capacitor to ground.
25
SCK
I
—
SPI input clock. High impedance CMOS input. 1.8 – 3.3V logic.
26
SDI
I
—
SPI input data. High impedance CMOS input. 1.8 – 3.3V logic.
27
VccBUF
—
—
Output buffer supply. Requires connecting 0.1-µF capacitor to ground.
28
GND
—
Ground
Ground
29
RFoutBM
O
—
Complementary pin for RFoutBP
30
RFoutBP
O
—
Differential output B Pair. Requires connecting a 50-Ω resistor pullup to VCC as close as
possible to pin. Can be used as a synthesizer output or SYSREF output.
31
GND
—
Ground
Ground
32
VccBUF
—
—
Output buffer supply. Requires connecting 0.1-µF capacitor to ground.
33
NC
—
—
No connection. Leave Unconnected.
34
MUXout
—
—
Multiplexed output pin. Can output: lock detect, SPI readback and diagnostics.
35
CSB
—
SPI chip select bar. High impedance CMOS input. 1.8 – 3.3-V logic.
36
GND
—
Ground
Ground
37
VccBUF
—
—
Output buffer supply. Requires connecting 0.1-µF capacitor to ground.
38
GND
—
Ground
Ground
39
RFoutAM
O
—
Differential output A Pair. 50-Ω resistor pullup to VCC is integrated.
40
RFoutAP
O
—
Differential output A Pair. 50-Ω resistor pullup to VCC is integrated.
41
GND
—
Ground
Ground
42
VccBUF
—
—
Output buffer supply. Requires connecting 0.1-µF capacitor to ground.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com