Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
43
GND
—
Ground
Ground
44
VccVCO2
—
—
VCO supply. Recommend connecting 0.1-µF and 10-µF capacitor to ground.
45
VbiasVCO2
—
—
VCO bias. Requires connecting 1-µF capacitor to ground.
46
SysRefReq
I
—
SYSREF request single ended input for JESD204B support.
47
VrefVCO2
—
—
VCO supply reference. Requires connecting 10-µF capacitor to ground.
48
RECAL_EN
I
—
Enables the automatic recalibration feature. Low on this pin does not trigger calibration.
High on this means the calibration is triggered whenever the device is unlocked after
certain delay.
49
CDIV0
I
4-level pin
Controls the Channel Divider along with CDIV2 and CDIV1 in Pin-mode option. Refer
Pin-mode description details in Pin-Mode Integer Frequency Generation for more
details.
50
CDIV1
I
4-level pin
Controls the Channel Divider along with CDIV0 and CDIV2 in Pin-mode option. Refer
Pin-mode description details in Pin-Mode Integer Frequency Generation for more
details.
51
CDIV2
I
4-level pin
Controls the Channel Divider along with CDIV1 and CDIV0 in Pin-mode option. Refer
Pin-mode description details in Pin-Mode Integer Frequency Generation for more
details.
52
GND
—
Ground
Ground
53
VbiasVARAC
—
—
VCO Varactor bias. Requires connecting 10-µF capacitor to ground.
54
GND
—
Ground
Ground
55
Vtune
I
—
VCO tuning voltage input.
56
VrefVCO
—
—
VCO supply reference. Requires connecting 10-µF capacitor to ground.
57
VccVCO
—
—
VCO supply. Recommend connecting 0.1-µF and 10-µF capacitor to ground.
58
VregVCO
—
—
VCO regulator node. Requires connecting 1-µF capacitor to ground.
59
GND
—
Ground
Ground
60
GND
—
Ground
Ground
61
NC
—
NC
No Connect
62
NDIV5
I
4-level pin
Integer N divider bit 5 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
63
NDIV4
I
4-level pin
Integer N divider bit 4 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
64
NDIV3
I
4-level pin
Integer N divider bit 3 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for
N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com