| Zakładka z wyszukiwarką danych komponentów |
|
F3SG-R Arkusz danych(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Arkusz danych(HTML) 25 Page - Omron Electronics LLC |
|
25 / 164 page ![]() F3SG-RA 25 List of Models/Response Time/Current Consumption/Weight F3SG-4RA-14/F3SG-2RA-14 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. F3SG-4RA-30/F3SG-2RA-30 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. Model Number of Beams Protective Height [mm] Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RA0160-14 F3SG-2RA0160-14 15 160 8 40 140 40 75 0.7 2.0 F3SG-4RA0240-14 F3SG-2RA0240-14 23 240 8 40 140 45 75 0.9 2.3 F3SG-4RA0320-14 F3SG-2RA0320-14 31 320 8 40 140 55 75 1.1 2.6 F3SG-4RA0400-14 F3SG-2RA0400-14 39 400 8 40 140 60 80 1.3 2.9 F3SG-4RA0480-14 F3SG-2RA0480-14 47 480 13 65 165 50 80 1.5 3.2 F3SG-4RA0560-14 F3SG-2RA0560-14 55 560 13 65 165 55 80 1.7 3.5 F3SG-4RA0640-14 F3SG-2RA0640-14 63 640 13 65 165 60 85 1.9 3.9 F3SG-4RA0720-14 F3SG-2RA0720-14 71 720 13 65 165 65 85 2.1 4.2 F3SG-4RA0800-14 F3SG-2RA0800-14 79 800 13 65 165 65 90 2.3 4.5 F3SG-4RA0880-14 F3SG-2RA0880-14 87 880 13 65 165 70 90 2.6 4.8 F3SG-4RA0960-14 F3SG-2RA0960-14 95 960 13 65 165 75 90 2.8 5.1 F3SG-4RA1040-14 F3SG-2RA1040-14 103 1040 13 65 165 80 95 3.0 5.4 F3SG-4RA1120-14 F3SG-2RA1120-14 111 1120 13 65 165 85 95 3.2 5.7 F3SG-4RA1200-14 F3SG-2RA1200-14 119 1200 13 65 165 90 100 3.4 6.0 F3SG-4RA1280-14 F3SG-2RA1280-14 127 1280 13 65 165 95 100 3.6 6.4 F3SG-4RA1360-14 F3SG-2RA1360-14 135 1360 13 65 165 95 105 3.8 6.7 F3SG-4RA1440-14 F3SG-2RA1440-14 143 1440 18 90 190 85 105 4.0 7.0 F3SG-4RA1520-14 F3SG-2RA1520-14 151 1520 18 90 190 90 105 4.2 7.3 F3SG-4RA1600-14 F3SG-2RA1600-14 159 1600 18 90 190 90 110 4.4 7.6 F3SG-4RA1680-14 F3SG-2RA1680-14 167 1680 18 90 190 95 110 4.7 7.9 F3SG-4RA1760-14 F3SG-2RA1760-14 175 1760 18 90 190 100 115 4.9 8.2 F3SG-4RA1840-14 F3SG-2RA1840-14 183 1840 18 90 190 100 115 5.1 8.5 F3SG-4RA1920-14 F3SG-2RA1920-14 191 1920 18 90 190 105 120 5.3 8.8 F3SG-4RA2000-14 F3SG-2RA2000-14 199 2000 18 90 190 105 120 5.5 9.2 F3SG-4RA2080-14 F3SG-2RA2080-14 207 2080 18 90 190 110 125 5.7 9.5 Model Number of Beams Protective Height [mm] Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RA0190-30 F3SG-2RA0190-30 8 190 8 40 140 35 75 0.6 2.1 F3SG-4RA0270-30 F3SG-2RA0270-30 12 270 8 40 140 35 75 0.9 2.4 F3SG-4RA0350-30 F3SG-2RA0350-30 16 350 8 40 140 40 75 1.1 2.7 F3SG-4RA0430-30 F3SG-2RA0430-30 20 430 8 40 140 45 75 1.3 3.0 F3SG-4RA0510-30 F3SG-2RA0510-30 24 510 8 40 140 50 75 1.5 3.3 F3SG-4RA0590-30 F3SG-2RA0590-30 28 590 8 40 140 50 75 1.7 3.6 F3SG-4RA0670-30 F3SG-2RA0670-30 32 670 8 40 140 55 75 1.9 3.9 F3SG-4RA0750-30 F3SG-2RA0750-30 36 750 8 40 140 60 80 2.1 4.2 F3SG-4RA0830-30 F3SG-2RA0830-30 40 830 8 40 140 65 80 2.3 4.5 F3SG-4RA0910-30 F3SG-2RA0910-30 44 910 13 65 165 50 80 2.5 4.8 F3SG-4RA0990-30 F3SG-2RA0990-30 48 990 13 65 165 50 80 2.7 5.1 F3SG-4RA1070-30 F3SG-2RA1070-30 52 1070 13 65 165 55 80 2.9 5.4 F3SG-4RA1150-30 F3SG-2RA1150-30 56 1150 13 65 165 55 85 3.1 5.7 F3SG-4RA1230-30 F3SG-2RA1230-30 60 1230 13 65 165 55 85 3.3 6.0 F3SG-4RA1310-30 F3SG-2RA1310-30 64 1310 13 65 165 60 85 3.5 6.3 F3SG-4RA1390-30 F3SG-2RA1390-30 68 1390 13 65 165 60 85 3.8 6.6 F3SG-4RA1470-30 F3SG-2RA1470-30 72 1470 13 65 165 65 85 4.0 6.9 F3SG-4RA1550-30 F3SG-2RA1550-30 76 1550 13 65 165 65 90 4.2 7.2 F3SG-4RA1630-30 F3SG-2RA1630-30 80 1630 13 65 165 70 90 4.4 7.5 F3SG-4RA1710-30 F3SG-2RA1710-30 84 1710 13 65 165 70 90 4.6 7.8 F3SG-4RA1790-30 F3SG-2RA1790-30 88 1790 13 65 165 70 90 4.8 8.1 F3SG-4RA1870-30 F3SG-2RA1870-30 92 1870 13 65 165 75 90 5.0 8.4 F3SG-4RA1950-30 F3SG-2RA1950-30 96 1950 13 65 165 75 95 5.2 8.7 F3SG-4RA2030-30 F3SG-2RA2030-30 100 2030 13 65 165 80 95 5.4 9.0 F3SG-4RA2110-30 F3SG-2RA2110-30 104 2110 13 65 165 80 95 5.6 9.3 F3SG-4RA2190-30 F3SG-2RA2190-30 108 2190 13 65 165 85 95 5.8 9.6 F3SG-4RA2270-30 F3SG-2RA2270-30 112 2270 13 65 165 85 100 6.0 9.9 F3SG-4RA2350-30 F3SG-2RA2350-30 116 2350 13 65 165 85 100 6.2 10.2 F3SG-4RA2430-30 F3SG-2RA2430-30 120 2430 13 65 165 90 100 6.4 10.5 F3SG-4RA2510-30 F3SG-2RA2510-30 124 2510 13 65 165 90 100 6.7 10.8 |